PART |
Description |
Maker |
0009016064 09-01-6064 2574-6A1 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009016101 09-01-6101 2574-10A6 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 10 Circuits, Rib between 4 & 5, 7 & 8 MOLEX Connector
|
Molex Electronics Ltd.
|
0474680001 |
2.54mm (.100) SIM Card Connector, 6 Circuits, Surface Mount, with Guide Rail, Housing Height 2.00mm (.079), Lead Free MOLEX Connector
|
Molex Electronics Ltd.
|
0009016071 09-01-6071 2574-7A3 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 7 Circuits, Rib between 3 & 4 MOLEX Connector
|
Molex Electronics Ltd.
|
0009016171 09-01-6171 2574-17A10 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 17 Circuits, Rib between 5 & 6, 10 & 11, 14 & 15 MOLEX Connector
|
Molex Electronics Ltd.
|
0546791619 54679-1619 |
1.25mm (.049) Pitch Small MGC (Multi-Ground Connector) Panel Mount Receptacle Housing Adapter, Polarizing Key 2.00mm (.079) Left From the Center MOLEX Connector
|
Molex Electronics Ltd.
|
10-63-3044 10-63-3064 10-63-3054 10-63-3034 |
Connector Housing; Number of Contacts:4; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:6; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:5; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5/7.5MM KK SPOX HOUSING 519903 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
0009016082 2574-08D1 09-01-6082 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 6 Circuits 3.96mm (.156") Pitch KK垄莽 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009016055 2574-5A2 09-01-6055 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector 3.96mm (.156") Pitch KK垄莽 Crimp Housing, Edge Card Connector
|
Molex Electronics Ltd.
|
0009016094 2574-9A4 09-01-6094 2574-09A4 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 9 Circuits, Rib between 5 & 6 3.96mm (.156") Pitch KK庐 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 9 Circuits, Rib between 5 & 6 MOLEX Connector
|
Molex Electronics Ltd.
|
0009016211 09-01-6211 2574-21A11 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 21 Circuits, Rib between 5 & 6, 10 & 11, 15 & 16 3.96mm (.156") Pitch KK庐 Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 21 Circuits, Rib between 5 & 6, 10 & 11, 15 MOLEX Connector
|
Molex Electronics Ltd.
|
15-24-4048 |
PCB Vertical Crimp Housing; No. of Contacts:4; Pitch Spacing:0.2"; No. of Rows:1; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Connector Mounting:PC Board; Connector Style:Vertical RoHS Compliant: Yes
|
MOLEX INC
|
|